Part Number Hot Search : 
PC25005 IN74H 18225C 13020 84064 PN8420 MT48LC8 SR503
Product Description
Full Text Search
 

To Download SOGC1601680KF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOGC 01, 03, 05
Vishay Dale
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
FEATURES
* 0.110" [2.79 mm] maximum seated height * * * * * * * * Rugged, molded case construction 0.050" [1.27 mm] lead spacing e1 Reduces total assembly costs Compatible with automatic surface mounting RoHS* COMPLIANT equipment Uniform performance characteristics Meets EIA PDP 100, SOGN-0003 outline dimensions Available in tube pack or tape and reel pack Lead (Pb)-free version is RoHS compliant
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL SOGC16 SCHEMATIC RESISTOR CIRCUIT W @ 70C PACKAGE POWER W @ 70C 1.6 1.6 1.6 2.0 2.0 2.0 TOLERANCE % 2 (1, 5*) 2 (1, 5*) 2 (5*) 2 (1, 5*) 2 (1, 5*) 2 (5*) RESISTANCE RANGE 10-1M0 10-1M0 10-1M0 10-1M0 10-1M0 10-1M0 OPERATING VOLTAGE VDC 50 max 50 max 50 max 50 max 50 max 50 max TEMPERATURE COEFFICIENT ppm/C 100 100 100 100 100 100
01 0.1 03 0.19 05 0.1 01 0.1 SOGC20 03 0.19 05 0.1 * Tolerances in brackets available upon request. * 100 milliohm maximum on zero ohm jumper
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: SOGC200310K0GDC (preferred part numbering format)
S
GLOBAL MODEL SOGC
O
G
C
2
0
0
3
1
0
K
0
G
D
C
SPECIAL
PIN COUNT 16 20
SCHEMATIC 01 = Bussed 03 = Isolated 00 = Special
RESISTANCE VALUE R = Decimal K = Thousand M = Million 10R0 = 10 680K = 680 K 1M00 = 1.0 M
TOLERANCE CODE F = 1% G = 2% J = 5% S = Special Z = 0 Jumper
PACKAGING
EJ = Lead Free,Tube Blank = Standard EA= Lead (Pb)-free,T ape & Reel (Dash Number) DC = Tin/Lead,Tube (up to 3 digits) RZ = Tin/Lead, T ape & Reel From 1-999 as applicable
Historical Part Number example: SOGC2003103G (will continue to be accepted)
SOGC
HISTORICAL MODEL
20
PIN COUNT
03
SCHEMATIC
103
RESISTANCE VALUE
G
TOLERANCE CODE
D02
P ACKAGING
New Global Part Numbering: SOGC1605131AGRZ (preferred part numbering format)
S
GLOBAL MODEL SOGC
O
G
C
1
6
0
5
1
3
1
A
G
R
Z
SPECIAL Blank = Standard (Dash Number) (up to 3 digits) From 1-999 as applicable
RESISTANCE TOLERANCE PACKAGING VALUE CODE 16 05 = Dual T erminator 3 digit Impedance F = 1% EJ = Lead Free,Tube 20 code, followed by G = 2% EA= Lead (Pb)-free,T ape & Reel Alpha modifier J = 5% DC = Tin/Lead,Tube (see Impedance RZ = Tin/Lead, T ape & Reel Codes table) Historical Part Number example: SOGC1605221331G (will continue to be accepted)
PIN COUNT
SCHEMATIC
SOGC
HISTORICAL MODEL
16
PIN COUNT
05
SCHEMATIC
221
RESISTANCE VALUE 1
331
RESISTANCE VALUE 2
G
TOLERANCE CODE
R61
P ACKAGING
* Pb containing terminations are not RoHS compliant, exemptions may apply www.vishay.com 32 For technical questions, contact: ff2aresistors@vishay.com Document Number: 31506 Revision: 25-Aug-06
SOGC 01, 03, 05
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
DIMENSIONS in inches [millimeters]
B 0.050 [1.27] Non-Accum. Typ. 0.018 [0.457] Typ. 0.105 [2.67] 0.100 [2.54] 0.010 0.005 [0.254 0.127]
Vishay Dale
0.006 [0.152] Max. Typ.
SOGC
0.295 [7.49]
0.406 0.012 [10.31 0.305]
Pin 1 0.045 [1.14] 0.045 [1.14] Ref. 0.008 [0.203] 0.028 0.010 [0.711 0.254] Typ.
GLOBAL MODEL SOGC16 SOGC20
A 0.440 [11.18] 0.540 [13.72]
B 0.350 [8.89] 0.450 [11.43]
A
TECHNICAL SPECIFICATIONS
PARAMETER Package Power Rating (max. at + 70C) TC Tracking (- 55C to + 125C) Voltage Coefficient of Resistance: Maximum Operating Voltage: Operating Temperature Range: Storage Temperature Range: UNIT W ppm/C ppm/V VDC C C S0GC16 1.6 50 < 50 typical 50 - 55 to + 125 - 55 to + 150 S0GC20 2.0
MECHANICAL SPECIFICATIONS
Marking: Marking Resistance to Solvents: Maximum Solder Reflow Temperature: Solderability: Terminals: Body: Model number, schematic number, value tolerance, pin 1 indicator, date code Permanency testing per MIL-STD-202, Method 215 + 255 C Per MIL-STD-202, Method 208E Copper alloy. Solder dipped terminal Molded epoxy
Document Number: 31506 Revision: 25-Aug-06
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com 33
SOGC 01, 03, 05
Vishay Dale
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
IMPEDANCE CODES
CODE 500B 750B 800C 990A 101C 111C 121B 121C 131A R1 () 82 120 130 160 180 180 180 220 220 R2 () 130 200 210 260 240 270 390 270 330 CODE 141A 181A 191A 221B 281B 381B 501C 102A 202B R1 () 270 330 330 330 560 560 620 1.5K 3K R2 () 270 390 470 680 560 1.2K 2.7K 3.3K 6.2K
CIRCUIT APPLICATIONS
01 Schematic 15 or 19 resistors with one pin common The SOGCxx01 circuit provides a choice of 15 or 19 nominally equal resistors, each connected between a common lead (16 or 20) and a discrete PC board pin. Commonly used in the following applications: * MOS/ROM Pull-up/Pull-down * TTL Input Pull-down * Open Collector Pull-up * Digital Pulse Squaring * "Wired OR" Pull-up * TTL Unused Gate Pull-up * Power Driven Pull-up * High Speed Parallels Pull-up
Pin 1
SOGC16 SOGC20
03 Schematic 8 or 10 isolated resistors The SOGCxx03 circuit provides a choice of 8 or 10 nominally equal resistors with each resistor isolated from all others and wired directly across. Commonly used in the following applications: * "Wired OR" Pull-up * Long-line Impedance Balancing * Power Driven Pull-up * LED Current Limiting * Powergate Pull-up * ECL Output Pull-down * Line Termination * TTL Input Pull-down
Pin 1
SOGC16 SOGC20
05 Schematic TTL dual-line terminator; pulse squaring, 14 or 18 pairs of resistors (R1 Resistors are common to leads 16 or 20) (R2 Resistors are common to leads 8 or 10) The SOGCxx05 circuit contains 14 or 18 pairs of resistors. Each pair is connected between ground and a common line. The junctions of these resistor pairs are connected to the input leads. The 05 circuits are designed for TTL dual-line termination and pulse squaring.
R1 R2 R1 R2 R2
R1 R2 R1 R2
R1 R2 R1 R2
R1
R1 R2
R1 R2 R1 R2 R2
R1 R2 R1 R2
R1 R2
R1
SOGC16, SOGC20 Pin 1
www.vishay.com 34
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31506 Revision: 25-Aug-06
SOGC 01, 03, 05
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Vishay Dale
Power Rating (Watts)
SOGC2001, 03, 05 Pkg. 2.0
SOGC1601, 03, 05 Pkg. 1.6
1.0
Single Resistor
0.19 0.10 - 50
SOGCxx03 SOGCxx01 & 05 0 + 25 + 70 + 125 + 150
Derating
Ambient Temperature C
PERFORMANCE
TEST Power Conditioning Thermal Shock Short Time Overload Low Temperature Operation Moisture Resistance Resistance to Soldering Heat Shock Vibration Load Life Terminal Strength Insulation Resistance Dielectric Withstanding Voltage MAX. R (TYPICAL TEST LOTS) 0.50 % R 0.50 % R 0.25 % R 0.25 % R 0.50 % R 0.25 % R 0.25 % R 0.25 % R 0.50 % R 0.25 % R 10 000 Megohm (minimum) No evidence of arcing or damage (200 V RMS for 1 minute)
Document Number: 31506 Revision: 25-Aug-06
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com 35
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SOGC1601680KF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X